Part Number Hot Search : 
TDA7375 MPIR4020 FDT457 80NFR10 BSA150B 208271 PJSD05 MJW0281A
Product Description
Full Text Search
 

To Download USF8J48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF8G48,SF8J48,USF8G48,USF8J48
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF8G48,SF8J48,USF8G48,USF8J48
MEDIUM POWER CONTROL APPLICATIONS
l Repetitive Peak Off-State Voltage : VDRM=400,600V Repetitive Peak Reverse Voltage : VRRM=400,600V l Average On-State Current l Gate Trigger Current : IT (AV) =8A : IGT=10mA Max. Unit in mm SF8G48 * SF8J48 USF8G48 * USF8J48
JEDEC JEITA TOSHIBA
13-10J1B
JEDEC JEITA TOSHIBA
13-10J2B Weight : 1.7g
MARKING
*1 MARK F8G48 F8J48 TYPE NAME SF8G48, USF8G48 SF8J48, USF8J48
*2
1
2001-07-13
SF8G48,SF8J48,USF8G48,USF8J48
MAXIMUM RATINGS (Ta=25C)
CHARACTERISTIC SF8G48 Repetitive Peak Off-State Voltage and Repetitive Peak Reverse Voltage USF8G48 SF8J48 USF8J48 SF8G48 Non-Repetitive Peak Reverse Voltage (Non-Repetitive<5ms Tj=0~125C Average On-State Current R.M.S On-State Current Peak One Cycle Surge On-State Current (Non-Repetitive) I t Limit Value Critical Rate of Rise of On-State Curren (Note 1)
2
SYMBOL
RATING 400
UNIT
VDRM VRRM 600
V
USF8G48 SF8J48 USF8J48
500 VRSM 720 IT (AV) IT (RMS) ITSM It di /dt PGM PG (AV) VFGM VRGM IGM Tj Tstg
2
V
8 12.6 120 (50Hz) 132 (60Hz) 72 100 5 0.5 10 -5 2 -40~125 -40~125
A A A As A / s W W V V A C C
2
Peak Gate Power Dissipation Average Gate Power Dissition Peak Forward Gate Voltage Peak Reverse Gate Voltage Peak Forward Gate Current Junction Temperature Strage Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25C)
CHARACTERISTIC Repetitive Peak Off-State Current and Repetitive Peak Reverse Peak On-State Voltage Gate Trigger Voltage Gate Trigger Current Gate Non-Trigger Voltage Critical Rate of Rise of Off-State Voltage Holding Current Latching Current Thermal Resistance SYMBOL IDRM IRRM VTM VGT IGT VGD dv / dt IH IL Rth (j-c) TEST CONDITION VDRM=VRRM=Rated ITM=25A VD=6V, RL=10 VD=Ratedx2 / 3, Tc=125C VDRM=Rated, Tc=125C Exponential Rise VD=6V, ITM=1A VD=6V, f=50Hz tgw=50ms, iG=30mA Junction to Case, DC MIN. 0.2 TYP. 50 MAX. 10 1.5 1.0 10 40 50 2.8 UNIT mA V V mA V V / ms mA mA C / W
2
2001-07-13
SF8G48,SF8J48,USF8G48,USF8J48
3
2001-07-13
SF8G48,SF8J48,USF8G48,USF8J48
4
2001-07-13
SF8G48,SF8J48,USF8G48,USF8J48
5
2001-07-13
SF8G48,SF8J48,USF8G48,USF8J48
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2001-07-13


▲Up To Search▲   

 
Price & Availability of USF8J48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X